PART |
Description |
Maker |
FQU7N20L FQD7N20L FQD7N20LTF FQD7N20LTM |
200V N-Channel Logic Level QFET 200V LOGIC N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor] FAIRCHILD SEMICONDUCTOR CORP
|
FQI4N20L FQB4N20L FQI4N20LTU |
200V LOGIC N-Channel MOSFET 200V N-Channel Logic Level QFET
|
http:// FAIRCHILD[Fairchild Semiconductor]
|
FQD10N20L FQU10N20L FQD10N20 FQD10N20LTF FQU10N20L |
200V N-Channel Logic Level QFET 200V LOGIC N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
FQB12N20L FQI12N20L |
200V LOGIC N-Channel MOSFET 11.6 A, 200 V, 0.32 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263
|
FAIRCHILD SEMICONDUCTOR CORP Fairchild Semiconductor, Corp. http://
|
FQP7N20L |
200V LOGIC N-Channel MOSFET
|
Fairchild Semiconductor
|
FQPF34N20L |
200V LOGIC N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FQD5N20LTF |
200V N-Channel Logic Level QFET 3.8 A, 200 V, 1.25 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252
|
Fairchild Semiconductor, Corp.
|
AM29CPL154H-25DC AM29CPL154H-25/BXA AM29CPL154H-25 |
User Programmable Special Function ASIC 200V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTX2N7219 with Standard Packaging 100V Single N-Channel Hi-Rel MOSFET in a 18-pin LCC package; A JANTX2N6788U with Standard Packaging 200V Single N-Channel Hi-Rel MOSFET in a TO-259AA package; A IRFI260 with Standard Packaging 800V Single N-Channel Hi-Rel MOSFET in a TO-204AA package; A IRFAE40 with Standard Packaging -55V Single P-Channel Hi-Rel MOSFET in a SMD-0.5 package; A IRF5NJ5305 with Standard Packaging -100V Single P-Channel Hi-Rel MOSFET in a TO-205AF package; A IRFF9110 with Standard Packaging 400V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRFN340 with Standard Packaging 1000V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRFNG50 with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTXV2N7237 with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-254AA package; A JANS2N7237 with Standard Packaging 40V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRL7N1404 with Standard Packaging 用户可编程ASIC的特殊功
|
Advanced Micro Devices, Inc.
|
IRLR210 IRLR210A IRLR210ATF IRLR210ATM |
ADVANCED POWER MOSFET 200V N-Channel Logic Level A-FET / Substitute of IRLR210
|
Fairchild Semiconductor
|